Part Number Hot Search : 
YMF781 TG35D40 01210 GSIB2510 D116212B 30200CT F4002 2SC4728
Product Description
Full Text Search
 

To Download 5102-0-00-01-00-00-33-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PR E CI
PRINTED CIRCUIT PINS
M
ON S I CHI A
PINS
NED
5102
.018 DIA. .028 .058 DIA. .070 DIA. .100 DIA. .062 DIA. HOLE .070 .080 .120 .170 .397 .157
1502
.028 DIA. .028 .058 DIA. .070 DIA. .100 DIA. .051 DIA. HOLE .070 .080 .140 .170 .397 .157
2956-0
.018 DIA. .121
2956-1
.018 DIA. .121
.058 DIA. .051 DIA. .072 DIA. .038 DIA. .018 .034 .082
.278
.058 DIA. .051 DIA. .072 DIA. .063 DIA. .018 .034 .082
.278
5102-0-00-XX-00-00-33-0
Press-fit in .057 mounting hole
1502-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
2956-0-00-XX-00-00-03-0
Surface mount
2956-1-00-XX-00-00-03-0
Surface mount
8940
8876
0259/0286/1941
Basic Part Number Barb Dia. E Mounting Hole
Length L
0259-0 .173 0286-0 .115 1941-0 .169
.062 .060 .058
.059 .057 .057
8940-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
8876-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
02XX-0-00-XX-00-00-03-0
Press-fit in .057/.059 mounting hole
1938
.072 DIA. .059 DIA. KNURL .053 DIA.
.030 .028 .025 .165
1940
.072 DIA. .059 DIA. KNURL .053 DIA.
.276
1942
.030 .028
.070 DIA.
3024
.030 .031 .165 .290
.072 DIA. .058 DIA.
.031
.025
.165
.058 DIA. .053 DIA.
.028
.053 DIA.
.290
.034 DIA. .020 DIA.
.018 DIA.
.126
.217
.020 DIA.
.125
.060 .038 DIA. HOLE
.090
1938-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
1940-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
1942-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
3024-0-01-XX-00-00-03-0
Press-fit in .057 mounting hole
SPECIFICATIONS
PIN MATERIAL: Brass Alloy 360, 1/2 Hard (Except Swage pins which are annealed) DIMENSION IN INCHES TOLERANCES ON: LENGTHS: .005 DIAMETERS: .002 ANGLES: 2
ORDER CODE: XXXX - X - XX - XX - 00 - 00 - 0X - 0
BASIC PART # SPECIFY PIN FINISH: 01 200 " TIN/LEAD OVER NICKEL 80 200 " TIN OVER NICKEL 15 10 " GOLD OVER NICKEL 21 20 " GOLD OVER NICKEL 34 50 " GOLD OVER NICKEL
2002/95/EC
RoHS
w w w. m i l l - m a x . c o m
185
516-922-6000


▲Up To Search▲   

 
Price & Availability of 5102-0-00-01-00-00-33-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X